Part Number Hot Search : 
ACTF4008 FT256I M5130 NTE5289 XMG16 LM358MX UMF28N 1N4110
Product Description
Full Text Search
 

To Download B43416C6207A000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors capacitors for pulse applications series/type: b43415, b43416 date: october 2015 ? epcos ag 2015. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited. epcos ag is a tdk group company.
application professional flash light generators features compact design outstanding reliability high charge/discharge proof, polar low leakage current low dissipation factor rohs-compatible construction aluminum case, fully insulated safety vent terminals snap-in solder lug b43415 b43416 overview temperature series useful life v r c r c v dc f +60 (max. case temp.) b43415 solder lug > 100000 discharges 300 ... 500 1000 ... 6600 b43416 snap-in 200 ... 1500 capacitors for pulse applications b43415, b43416 compact  up to 60 c page 2 of 17 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. specifications and characteristics in brief rated voltage v r 300 ... 500 v dc rated capacitance c r 200 ... 6600 f capacitance tolerance d c r  10/+20% leakage current (5 min, 20 c) i leak dissipation factor (20 c, 120 hz) tan d 15% useful life 1) > 100000 discharges at: requirements: case temperature 60 c d c/c 20% of initial value discharge repetition rate 3 2 s esr 3 times initial specified limit max. discharges per week 5000 i leak initial specified limit charge resistance > 10 w discharge resistance > 0.5 w vibration resistance test to iec 60068-2-6, test fc: displacement amplitude 0.35 mm, frequency range 10 hz ... 55 hz, acceleration max. 5 g , duration 3 2 h. capacitor mounted by its body which is rigidly clamped to the work surface. if terminals are used for mechanical fixation of the capacitor, the vibration resistance can be reduced depending on capacitor size. iec climatic category v r 400 v dc: 40/060/56 (  40 c/+60 c/56 days damp heat test) v r > 400 v dc: 25/060/56 (  25 c/+60 c/56 days damp heat test) b43415, b43416 compact  up to 60 c page 3 of 17 please read cautions and warnings and important notes at the end of this document.
dimensional drawing b43415, solder lug terminals dimensions, weights and packing units d l mm lead spacing (ls) mm approx. weight g packing units pcs. 35 55 10.0 75 36 35 65 10.0 88 36 40 65 10.0 115 33 40 70 10.0 130 33 40 80 10.0 150 33 40 90 10.0 160 33 40 105 10.0 180 33 40 110 10.0 190 33 50 80 20.0 230 28 50 100 20.0 270 28 b43415 compact  up to 60 c page 4 of 17 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes  b43415 c r 100 hz 20 c m f case dimensions d l mm i leak,max 5 min. 20 c ma ordering code v r = 300 v dc 2100 35 65 3.4 b43415c3218a000 3000 40 70 4.4 b43415c3308a000 4700 40 105 6.0 b43415c3478a000 6600 50 100 7.7 b43415c3668a000 v r = 330 v dc 2100 40 65 3.7 b43415c8218a000 3000 40 80 4.7 b43415c8308a000 3800 40 105 5.6 b43415c8388a000 5600 50 100 7.3 b43415c8568a000 v r = 360 v dc 2100 40 65 3.9 b43415c9218a000 3000 40 90 5.0 b43415c9308a000 3800 40 110 5.9 b43415c9388a000 4900 50 100 7.6 b43415c9498a000 v r = 400 v dc 1000 35 55 2.5 b43415c9108a000 2100 40 80 4.2 b43415d9218a000 3000 40 110 5.4 b43415d9308a000 3800 50 100 6.4 b43415d9388a000 v r = 500 v dc 1000 40 65 2.9 b43415c6108a000 2100 50 80 4.9 b43415c6218a000 2500 50 100 5.8 b43415c6258a000 b43415 compact  up to 60 c page 5 of 17 please read cautions and warnings and important notes at the end of this document.
dimensional drawing b43416, snap-in terminals dimensions, weights and packing units d l mm approx. weight g packing units pcs. 25 45 25 130 30 40 36 80 30 50 46 80 35 45 56 60 35 50 70 60 35 x 55 81 60 b43416 compact  up to 60 c page 6 of 17 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes  b43416 c r 100 hz 20 c m f case dimensions d l mm i leak,max 5 min. 20 c ma ordering code v r = 300 v dc 1000 30 50 2.0 b43416c3108a000 1500 35 50 2.7 b43416c3158a000 v r = 330 v dc 1000 35 45 2.2 b43416c8108a000 1200 35 50 2.5 b43416c8128a000 v r = 360 v dc 560 30 40 1.5 b43416c9567a000 1100 35 50 2.6 b43416c9118a000 1200 35 55 2.8 b43416c9128a000 v r = 400 v dc 330 25 45 1.2 b43416c9337a000 700 35 45 2.0 b43416c9707a000 900 35 55 2.6 b43416c9907a000 v r = 500 v dc 200 25 45 0.9 B43416C6207A000 560 35 50 2.0 b43416c6567a000 600 35 55 2.1 b43416c6607a000 b43416 compact  up to 60 c page 7 of 17 please read cautions and warnings and important notes at the end of this document.
packing of snap-in capacitors packing of solder lug capacitors for ecological reasons the packing is pure cardboard. b43415, b43416 compact  up to 60 c page 8 of 17 please read cautions and warnings and important notes at the end of this document.
ac capacitance versus temperature v r = 350 v dc typical behavior dissipation factor tan d versus temperature v r = 350 v dc, measuring frequency = 120 hz typical behavior leakage current i leak versus temperature measurement duration = 5 minutes typical behavior b43415, b43416 compact  up to 60 c page 9 of 17 please read cautions and warnings and important notes at the end of this document.
questionnaire please use the questionnaire when having other, improved or additional technical requirements which cannot be covered by our standard series. the characteristic data listed in the questionnaire below are essentially the most important information for determining design dimensions of electrolytic capacitors for professional photo flash applications. rated capacitance per capacitor m f rated voltage per capacitor v dc charge/discharge voltage / v required dimensions: diameter (max.) mm length (max.) mm style of terminals ambient temperature c method of cooling discharge conditions internal resistance of the discharge tube (if applicable) w charging resistance (series resistance) w no. of capacitors in series no. of capacitors in parallel flash sequence pause periods other special operating conditions expected useful life flashes annual demand of capacitors for any further support, please contact your nearest epcos representative. b43415, b43416 compact  up to 60 c page 10 of 17 please read cautions and warnings and important notes at the end of this document.
cautions and warnings personal safety the electrolytes used by epcos have been optimized both with a view to the intended application and with regard to health and environmental compatibility. they do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (dmf) or dimethyl acetamide (dmac). furthermore, some of the high-voltage electrolytes used by epcos are self-extinguishing. as far as possible, epcos does not use any dangerous chemicals or compounds to produce operating electrolytes. however, in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no alternative materials are currently known. however, the amount of dangerous materials used in our products is limited to an absolute minimum. materials and chemicals used in epcos aluminum electrolytic capacitors are continuously adapted in compliance with the epcos corporate environmental policy and the latest eu regulations and guidelines such as rohs, reach/svhc, gadsl, and elv. mds (material data sheets) are available on the epcos website for all types listed in the data book. mds for customer specific capacitors are available upon request. msds (material safety data sheets) are available for all of our electrolytes upon request. nevertheless, the following rules should be observed when handling aluminum electrolytic capacitors: no electrolyte should come into contact with eyes or skin. if electrolyte does come into contact with the skin, wash the affected areas immediately with running water. if the eyes are affected, rinse them for 10 minutes with plenty of water. if symptoms persist, seek medical treatment. avoid inhaling electrolyte vapor or mists. workplaces and other affected areas should be well ventilated. clothing that has been contaminated by electrolyte must be changed and rinsed in water. b43415, b43416 compact  up to 60 c page 11 of 17 please read cautions and warnings and important notes at the end of this document.
product safety the table below summarizes the safety instructions that must be observed without fail. a detailed description can be found in the relevant sections of chapter "general technical information". topic safety information reference chapter "general technical information" polarity make sure that polar capacitors are connected with the right polarity. 1 "basic construction of aluminum electrolytic capacitors" reverse voltage voltages of opposite polarity should be prevented by connecting a diode. 3.1.6 "reverse voltage" mounting position of screw- terminal capacitors screw terminal capacitors must not be mounted with terminals facing down unless otherwise specified. 11.1. "mounting positions of capacitors with screw terminals" robustness of terminals the following maximum tightening torques must not be exceeded when connecting screw terminals: m5: 2.5 nm m6: 4.0 nm 11.3 "mounting torques" mounting of single-ended capacitors the internal structure of single-ended capacitors might be damaged if excessive force is applied to the lead wires. avoid any compressive, tensile or flexural stress. do not move the capacitor after soldering to pc board. do not pick up the pc board by the soldered capacitor. do not insert the capacitor on the pc board with a hole space different to the lead space specified. 11.4 "mounting considerations for single-ended capacitors" soldering do not exceed the specified time or temperature limits during soldering. 11.5 "soldering" soldering, cleaning agents do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 "cleaning agents" upper category temperature do not exceed the upper category temperature. 7.2 "maximum permissible operating temperature" passive flammability avoid external energy, e.g. fire. 8.1 "passive flammability" b43415, b43416 compact  up to 60 c page 12 of 17 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "general technical information" active flammability avoid overload of the capacitors. 8.2 "active flammability" maintenance make periodic inspections of the capacitors. before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. do not apply excessive mechanical stress to the capacitor terminals when mounting. 10 "maintenance" storage do not store capacitors at high temperatures or high humidity. capacitors should be stored at +5 to +35 c and a relative humidity of 75%. 7.3 "shelf life and storage conditions" reference chapter "capacitors with screw terminals" breakdown strength of insulating sleeves do not damage the insulating sleeve, especially when ring clips are used for mounting. "screw terminals  accessories" display of ordering codes for epcos products the ordering code for one and the same product can be represented differently in data sheets, data books, other publications and the website of epcos, or in order-related documents such as shipping notes, order confirmations and product labels. the varying representations of the ordering codes are due to different processes employed and do not affect the specifications of the respective products. detailed information can be found on the internet under www.epcos.com/orderingcodes. b43415, b43416 compact  up to 60 c page 13 of 17 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german c capacitance kapazit?t c r rated capacitance nennkapazit?t c s series capacitance serienkapazit?t c s,t series capacitance at temperature t serienkapazit?t bei temperatur t c f capacitance at frequency f kapazit?t bei frequenz f d case diameter, nominal dimension geh?usedurchmesser, nennma? d max maximum case diameter maximaler geh?usedurchmesser esl self-inductance eigeninduktivit?t esr equivalent series resistance ersatzserienwiderstand esr f equivalent series resistance at frequency f ersatzserienwiderstand bei frequenz f esr t equivalent series resistance at temperature t ersatzserienwiderstand bei temperatur t f frequency frequenz i current strom i ac alternating current (ripple current) wechselstrom i ac,rms root-mean-square value of alternating current wechselstrom, effektivwert i ac,f ripple current at frequency f wechselstrom bei frequenz f i ac,max maximum permissible ripple current maximal zul?ssiger wechselstrom i ac,r rated ripple current nennwechselstrom i leak leakage current reststrom i leak,op operating leakage current betriebsreststrom l case length, nominal dimension geh?usel?nge, nennma? l max maximum case length (without terminals and mounting stud) maximale geh?usel?nge (ohne anschlsse und gewindebolzen) r resistance widerstand r ins insulation resistance isolationswiderstand r symm balancing resistance symmetrierwiderstand t temperature temperatur d t temperature difference temperaturdifferenz t a ambient temperature umgebungstemperatur t c case temperature geh?usetemperatur t b capacitor base temperature temperatur des geh?usebodens t time zeit d t period zeitraum t b service life (operating hours) brauchbarkeitsdauer (betriebszeit) b43415, b43416 compact  up to 60 c page 14 of 17 please read cautions and warnings and important notes at the end of this document.
symbol english german v voltage spannung v f forming voltage formierspannung v op operating voltage betriebsspannung v r rated voltage, dc voltage nennspannung, gleichspannung v s surge voltage spitzenspannung x c capacitive reactance kapazitiver blindwiderstand x l inductive reactance induktiver blindwiderstand z impedance scheinwiderstand z t impedance at temperature t scheinwiderstand bei temperatur t tan d dissipation factor verlustfaktor l failure rate ausfallrate e 0 absolute permittivity elektrische feldkonstante e r relative permittivity dielektrizit?tszahl w angular velocity; 2  p  f kreisfrequenz; 2  p  f note all dimensions are given in mm. b43415, b43416 compact  up to 60 c page 15 of 17 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . important notes page 16 of 17
7. the trade names epcos, alu-x, ceradiode, ceralink, cerapad, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, exocore, filtercap, formfit, leaxield, miniblue, minicell, mkd, mkk, motorcap, pcc, phasecap, phasecube, phasemod, phicap, pqsine, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, tfap, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 17 of 17


▲Up To Search▲   

 
Price & Availability of B43416C6207A000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X